Part Number Hot Search : 
2SK33 KTLP160J BCM7315 C128IS UL2054 20000 AN260 TPC13A
Product Description
Full Text Search
 

To Download J60030-2P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bussmann(R)
Class J Fuseblocks
600 Volt, TM-600 Amps
J600 Series
Catalog Symbol: J600 Series Ampere Rating: TM-600A Voltage Rating: 600V Withstand Rating: 200,000 RMS Sym. Amps For use with Class J Fuses (Bussmann LPJ, JKS) Agency Information: UL Listed, UL 512, Guide IZLT, File E14853 CSA Certified, C22.2 No. 39, Class 6225-01, File 47235 UL Flammability: 94VO Materials: Thermoplastic
Standard J Fuseblocks (600V) Catalog Data
Amps TM-30 Poles 1 2 3 1 2 3 1 3 1 3 1 3 1 3 Screw J60030-1S(2) J60030-2S(2) J60030-3S(2) -- -- -- -- -- -- -- -- -- -- -- Pressure Plate J60030-1P J60030-2P J60030-3P -- -- -- -- -- -- -- -- -- -- -- Catalog Numbers Box Box Lug w/ Lug Retaining Clip J60030-1C J60030-2C J60030-3C J60060-1C J60060-2C J60060-3C -- -- -- -- -- -- -- -- Fig. No. Wire Range C, CR #2-14 CU, #2-8 AL COR #2-14 CU ONLY P, PR, S, SR #10-14 CU ONLY C, CR, #2-14 CU/AL COR #4-14 CU ONLY COR 1/0-8 CU ONLY CR, CRQ 1/0-8 CU/AL CR 250kcmil-6 CU/AL CR 500kcmil -4 CU/AL CR (2) 500kcmil-4/0 CU/AL
31-60
61-100 101-200 201-400 401-600
J60030-1CR 1 J60030-2CR 2 J60030-3CR 3 J60060-1CR 1 J60060-2CR 2 J60060-3CR 3 J60100-1CR 4 J60100-3CR 5 J60200-1CR 6 J60200-3CR 7 J60400-1CR(3) 8 J60400-3CR(3) 9 J60600-1CR 10 J60600-3CR(2) 11
Clip reinforcing springs are standard on fuseblocks rated 100A and above. Available on 30A and 60A blocks by adding the letter "R" to the end of the part number. Copper only connections available by changing "CR" suffix to "COR". (2)No UL, No CSA Certification (3)UL Recognized, CSA Certification
Dimensional Data
TM-60A
1.702" .750"
All dimensions (0.015)
61-100A
3.202" 2.250" 750" 4.702" 2.250"
2.415"
2.28" .30"
5" .94" 1.583"
C L
4.005" C L
6.28"
.22" Dia. .5" C'Bore
3.14"
1.500"
1.75"
1.5"
FIGURE 1.
FIGURE 2.
FIGURE 3.
FIGURE 4.
FIGURE 5.
CE logo denotes compliance with European Union Low Voltage Directive (50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact Bussmann Application Engineering at 636-527-1270 for more information. Form No. J600 Series Page 1 of 2 Data Sheet: 1114
11-12-03
SB03116
Bussmann(R)
Class J Fuseblocks
600 Volt, TM-600 Amps
101-200A
3" 2"
J600 Series
3.1" .75" .5" .31" 8.31" 7.00"
3.15"
3.06"
.75" c'bore .34" dia.
6.125"
6.125" 1.69"
.344" dia. hole through .750 dia. c'bore
FIGURE 6.
FIGURE 7.
.750"
201-400A
4" 3" 1.75" 1" .625" .56" 10.51" 9.00" 6.00" 4.00"
3.5" 7.5" .5" .75" c'bore .34" dia.
7.50" .344" dia. hole through .750 dia. c'bore .50"
2.00"
1.00" FIGURE 8. FIGURE 9.
401-600A
4.99" 4" 1.75" 1.125" 1" .56" 14.144" 11.00" 4.99"
3.25"
8.875" 2.375"
.75" c'bore .34" dia.
8.875" 2.88"
.344" dia. hole through .750 dia. c'bore
.50"
FIGURE 10. All dimensions (0.015)
FIGURE 11.
1.00"
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
11-12-03
SB03116
Form No. J600 Series Page 2 of 2 Data Sheet: 1114


▲Up To Search▲   

 
Price & Availability of J60030-2P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X